| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 1241 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 1241 Page - Renesas Technology Corp |
|
1241 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page 1193 of 1198 REJ09B0403-0200 Interrupt control modes ............................ 93 Interrupt controller.................................... 79 Interrupt exception handling..................... 76 Interrupt exception handling sequence ... 100 Interrupt exception handling vector table ............................................... 90 Interrupt mask bit...................................... 36 interrupt mask level .................................. 35 Interrupt-in transfer................................. 879 Interval timer mode ................................ 424 IRQ15 to IRQ0 interrupts ......................... 88 L LPC interface (LPC)............................... 665 LPC interface clock start request............ 749 LSI internal states in each mode........... 1064 M Magic Packet detection........................... 785 Master receive operation......................... 625 Master transmit operation ....................... 621 Medium-speed mode ............................ 1065 MII frame timing .................................... 780 Mode comparison ................................... 918 Mode transition diagram....................... 1063 Module stop mode ................................ 1070 Multi-buffer frame transmit/ receive processing................................... 829 Multiply-accumulate register (MAC) ....... 37 Multiprocessor communication function................................................... 462 N NMI interrupt............................................ 88 Normal mode .................................. 178, 186 Number of DTC execution states ........... 184 O OCIA....................................................... 386 OCIB....................................................... 386 On-board programming .......................... 945 On-board programming mode................. 915 Operating modes ....................................... 63 Operation by IPG setting ........................ 786 Operation field .......................................... 52 Output compare....................................... 383 Overflow ................................................. 422 Overrun error .......................................... 458 OVI0 ....................................................... 409 OVI1 ....................................................... 409 OVIX ...................................................... 409 OVIY ...................................................... 409 P Parity error .............................................. 458 PDM...................................................... 1055 Pin arrangement .......................................... 4 Pin functions ............................................. 14 Procedure program.................................. 970 Program counter (PC) ............................... 35 Programmer mode................................... 985 Programming/erasing interface register .................................................... 926 Protection................................................ 980 R RAM ............................................. 913, 1117 Receive descriptor 0 (RD0)..................... 821 Receive descriptor 1 (RD1)..................... 824 Receive descriptor 2 (RD2)..................... 824 Register field............................................. 52 Registers ABRKCR .............................................. 82 ADCR ................................................. 899 ADCSR ............................................... 897 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |