công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 123 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 123 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 119Page - Renesas Technology Corp H8S/2472 Datasheet HTML 120Page - Renesas Technology Corp H8S/2472 Datasheet HTML 121Page - Renesas Technology Corp H8S/2472 Datasheet HTML 122Page - Renesas Technology Corp H8S/2472 Datasheet HTML 123Page - Renesas Technology Corp H8S/2472 Datasheet HTML 124Page - Renesas Technology Corp H8S/2472 Datasheet HTML 125Page - Renesas Technology Corp H8S/2472 Datasheet HTML 126Page - Renesas Technology Corp H8S/2472 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 1250 page
background image
Section 4 Exception Handling
Rev. 2.00 Aug. 20, 2008 Page 75 of 1198
REJ09B0403-0200
φ
RES
Internal address bus
Internal read signal
Internal write signal
Internal data bus
Vector
fetch
(1) Reset exception handling vector address (1) U = H'000000 (1) L = H'000002
(2) Start address (contents of reset exception handling vector address)
(3) Start address ((3) = (2)U + (2)L)
(4) First program instruction
(1) U
(3)
High
Internal
processing
Prefetch of first
program instruction
(2)
(2)
(4)
UL
(1) L
Figure 4.1 Reset Sequence
4.3.2
Interrupts after Reset
If an interrupt is accepted after a reset and before the stack pointer (SP) is initialized, the PC and
CCR will not be saved correctly, leading to a program crash. To prevent this, all interrupt requests,
including NMI, are disabled immediately after a reset. Since the first instruction of a program is
always executed immediately after the reset state ends, make sure that this instruction initializes
the stack pointer (example: MOV.L #xx: 32, SP).
4.3.3
On-Chip Peripheral Modules after Reset is Cancelled
After a reset is cancelled, the module stop control registers (MSTPCR, MSTPCRA, and
SUBMSTPB) are initialized, and all modules except the DTC operate in module stop mode.
Therefore, the registers of on-chip peripheral modules cannot be read from or written to. To read
from and write to these registers, clear module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com