công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1210 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1210 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1206Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1207Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1208Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1209Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1210Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1211Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1212Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1213Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1210 / 1250 page
background image
Section 31 Electrical Characteristics
Rev. 2.00 Aug. 20, 2008 Page 1162 of 1198
REJ09B0403-0200
31.5
Flash Memory Characteristics
Table 31.18 lists the flash memory characteristics.
Table 31.18 Flash Memory Characteristics
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Avref = 3.0 V to AVCC, VSS =
AVSS = 0 V
Ta = 0
°C to +75°C (operating temperature range for programming/erasing in regular
specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Programming time*
1*2*4 t
P
1
10
ms/128 bytes
Erase time*
1*2*4
t
E
40
130
ms/4-kbyte block
300
800
ms/32-kbyte block
600
1500
ms/64-kbyte block
Programming time
(total)*
1*2*4
Σ t
P
9.2
24
s/512 kbytes
Ta = 25
°C
Erase time (total)*
1*2*4
Σ t
E
9.2
24
Programming and
Erase time (total)*
1*2*4
Σ t
PE
18.4
48
Reprogramming
count*
5
N
WEC
100*
3
1000
Times
Data retention time*
4
t
DRP
10
Years
Notes: 1. Programming and erase time depends on the data.
2. Programming and erase time do not include data transfer time.
3. This value indicates the minimum number of which the flash memory are
reprogrammed with all characteristics guaranteed. (The guaranteed value ranges from
1 to the minimum number.)
4. This value indicates the characteristics while the flash memory is reprogrammed within
the specified range (including the minimum number).
5. Reprogramming count in each erase block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com