công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1180 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1180 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1176Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1177Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1178Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1179Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1180Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1181Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1182Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1183Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1180 / 1250 page
background image
Section 31 Electrical Characteristics
Rev. 2.00 Aug. 20, 2008 Page 1132 of 1198
REJ09B0403-0200
31.3.3
Bus Timing
Table 31.8 shows the bus timing. In subclock (
φSUB = 32.768 kHz) operation, external expansion
mode operation cannot be guaranteed.
Table 31.8
Bus Timing
Conditions: VCC = 3.0 V to 3.6 V, VSS = 0 V,
φ = 20 MHz to 34 MHz
Item
Symbol
Min.
Max.
Unit
Test Conditions
Address delay time
t
AD
14.7
ns
Address setup time
t
AS
0.5
× t
cyc –14.7
Figures 31.12 to
31.19
Address hold time
t
AH
0.5
× t
cyc – 9.7
CS delay time
(
IOS, CS256)
t
CSD
14.7
AS delay time
t
ASD
14.7
HBE delay time
t
HBD
t
AD + 5.0
LBE delay time
t
LBD
t
AD + 5.0
RD delay time 1
t
RSD1
14.7
RD delay time 2
t
RSD2
14.7
Read data setup time
t
RDS
14.7
Read data hold time
t
RDH
0
Read data access time 1 t
ACC1
1.0
× t
cyc – 29.4
Read data access time 2 t
ACC2
1.5
× t
cyc – 24.7
Read data access time 3 t
ACC3
2.0
× t
cyc – 29.4
Read data access time 4 t
ACC4
2.5
× t
cyc – 24.7
Read data access time 5 t
ACC5
3.0
× t
cyc – 29.4
WR delay time 1
t
WRD1
14.7
WR delay time 2
t
WRD2
14.7
WR pulse width 1
t
WSW1
1.0
× t
cyc – 19.6
WR pulse width 2
t
WSW2
1.5
× t
cyc – 19.6
Write data delay time
t
WDD
24.7
Write data setup time
t
WDS
0
Write data hold time
t
WDH
0.5
× t
cyc – 5
WAIT setup time
t
WTS
24.7
WAIT hold time
t
WTH
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com