công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 725 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 725 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 721Page - Renesas Technology Corp H8S/2472 Datasheet HTML 722Page - Renesas Technology Corp H8S/2472 Datasheet HTML 723Page - Renesas Technology Corp H8S/2472 Datasheet HTML 724Page - Renesas Technology Corp H8S/2472 Datasheet HTML 725Page - Renesas Technology Corp H8S/2472 Datasheet HTML 726Page - Renesas Technology Corp H8S/2472 Datasheet HTML 727Page - Renesas Technology Corp H8S/2472 Datasheet HTML 728Page - Renesas Technology Corp H8S/2472 Datasheet HTML 729Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 677 of 1198
REJ09B0403-0200
R/W
Bit
Bit Name
Initial
Value
Slave Host
Description
4
LRSTB
0
R/W
LPC Software Reset Bit
Resets the LPC interface. For the scope of initialization
by an LPC reset, see section 19.4.6, LPC Interface
Shutdown Function (LPCPD).
0: Normal state
[Clearing conditions]
• Writing 0
• LPC hardware reset
1: LPC software reset state
[Setting condition]
Writing 1 after reading LRSTB = 0
3
SDWNB
0
R/W
LPC Software Shutdown Bit
Controls LPC interface shutdown. For details of the
LPC shutdown function, and the scope of initialization
by an LPC reset and an LPC shutdown, see section
19.4.6, LPC Interface Shutdown Function (LPCPD).
0: Normal state
[Clearing conditions]
• Writing 0
• LPC hardware reset or LPC software reset
• LPC hardware shutdown
(falling edge of
LPCPD signal when SDWNE = 1)
• LPC hardware shutdown release
(rising edge of
LPCPD signal when SDWNE = 0)
1: LPC software shutdown state
[Setting condition]
Writing 1 after reading SDWNB = 0
2
PMEB
0
R/W
PME Output Bit
Controls PME output in combination with the PMEE
bit. For details, refer to description on the PMEE bit in
HICR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com