công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 693 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 693 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 689Page - Renesas Technology Corp H8S/2472 Datasheet HTML 690Page - Renesas Technology Corp H8S/2472 Datasheet HTML 691Page - Renesas Technology Corp H8S/2472 Datasheet HTML 692Page - Renesas Technology Corp H8S/2472 Datasheet HTML 693Page - Renesas Technology Corp H8S/2472 Datasheet HTML 694Page - Renesas Technology Corp H8S/2472 Datasheet HTML 695Page - Renesas Technology Corp H8S/2472 Datasheet HTML 696Page - Renesas Technology Corp H8S/2472 Datasheet HTML 697Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 645 of 1198
REJ09B0403-0200
18.4.7
IRIC Setting Timing and SCL Control
The interrupt request flag (IRIC) is set at different times depending on the WAIT bit in ICMR, the
FS bit in SAR, and the FSX bit in SARX. If the ICDRE or ICDRF flag is set to 1, SCL is
automatically held low after one frame has been transferred; this timing is synchronized with the
internal clock. Figures 18.25 to 18.27 show the IRIC set timing and SCL control.
SCL
SDA
IRIC
User processing
Clear IRIC
23
1
A
8
7
3
2
1
9
8
7
When WAIT = 0, and FS = 0 or FSX = 0 (I2C bus format, no wait)
(a) Data transfer ends with ICDRE=0 at transmission, or ICDRF=0 at reception.
(b) Data transfer ends with ICDRE=1 at transmission, or ICDRF=1 at reception.
SCL
SDA
IRIC
User processing
Clear IRIC
Clear IRIC
Write to ICDR (transmit)
or read from ICDR (receive)
1
A
8
7
1
9
8
7
Figure 18.25 IRIC Setting Timing and SCL Control (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com