công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 476 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 476 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 472Page - Renesas Technology Corp H8S/2472 Datasheet HTML 473Page - Renesas Technology Corp H8S/2472 Datasheet HTML 474Page - Renesas Technology Corp H8S/2472 Datasheet HTML 475Page - Renesas Technology Corp H8S/2472 Datasheet HTML 476Page - Renesas Technology Corp H8S/2472 Datasheet HTML 477Page - Renesas Technology Corp H8S/2472 Datasheet HTML 478Page - Renesas Technology Corp H8S/2472 Datasheet HTML 479Page - Renesas Technology Corp H8S/2472 Datasheet HTML 480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 1250 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 2.00 Aug. 20, 2008 Page 428 of 1198
REJ09B0403-0200
12.6.2
Conflict between Timer Counter (TCNT) Write and Increment
If a timer counter clock pulse is generated during the T
2 state of a TCNT write cycle, the write
takes priority and the timer counter is not incremented. Figure 12.7 shows this operation.
Address
φ
Internal write signal
TCNT input clock
TCNT
N
M
T1
T2
TCNT write cycle
Counter write data
Figure 12.7 Conflict between TCNT Write and Increment
12.6.3
Changing Values of CKS2 to CKS0 Bits
If CKS2 to CKS0 bits in TCSR are written to while the WDT is operating, errors could occur in
the incrementation. Software must stop the watchdog timer (by clearing the TME bit to 0) before
changing the values of CKS2 to CKS0 bits.
12.6.4
Changing Value of PSS Bit
If the PSS bit in TCSR_1 is written to while the WDT is operating, errors could occur in the
operation. Stop the watchdog timer (by clearing the TME bit to 0) before changing the values of
PSS bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com