công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 410 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 410 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 406Page - Renesas Technology Corp H8S/2472 Datasheet HTML 407Page - Renesas Technology Corp H8S/2472 Datasheet HTML 408Page - Renesas Technology Corp H8S/2472 Datasheet HTML 409Page - Renesas Technology Corp H8S/2472 Datasheet HTML 410Page - Renesas Technology Corp H8S/2472 Datasheet HTML 411Page - Renesas Technology Corp H8S/2472 Datasheet HTML 412Page - Renesas Technology Corp H8S/2472 Datasheet HTML 413Page - Renesas Technology Corp H8S/2472 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 1250 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 2.00 Aug. 20, 2008 Page 362 of 1198
REJ09B0403-0200
9.3.2
PWMX (D/A) Data Registers A and B (DADRA and DADRB)
DADRA corresponds to PWMX (D/A) channel A, and DADRB to PWMX (D/A) channel B. The
DADR registers cannot be accessed in 8-bit units. The DADR registers should always be accessed
in 16-bit units. For details, see section 9.4, Bus Master Interface.
• DADRA
Bit
Bit Name
Initial
Value
R/W
Description
15 to 2 DA13 to DA0 All 1
R/W
D/A Data 13 to 0
These bits set a digital value to be converted to an
analog value.
In each base cycle, the DACNT value is continually
compared with the DADR value to determine the duty
cycle of the output waveform, and to decide whether to
output a fine-adjustment pulse equal in width to the
resolution. To enable this operation, this register must be
set within a range that depends on the CFS bit. If the
DADR value is outside this range, the PWM output is
held constant.
A channel can be operated with 12-bit precision by fixing
DA0 and DA1 to 0. The two data bits are not compared
with UC12 and UC13 of DACNT.
1
CFS
1
R/W
Carrier Frequency Select
0: Base cycle = resolution (T)
× 64
The range of DA13 to DA0: H'0100 to H
'3FFF
1: Base cycle = resolution (T)
× 256
The range of DA13 to DA0: H
'0040 to H'3FFF
0
1
R
Reserved
This bit is always read as 1 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com