công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 375 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 375 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 371Page - Renesas Technology Corp H8S/2472 Datasheet HTML 372Page - Renesas Technology Corp H8S/2472 Datasheet HTML 373Page - Renesas Technology Corp H8S/2472 Datasheet HTML 374Page - Renesas Technology Corp H8S/2472 Datasheet HTML 375Page - Renesas Technology Corp H8S/2472 Datasheet HTML 376Page - Renesas Technology Corp H8S/2472 Datasheet HTML 377Page - Renesas Technology Corp H8S/2472 Datasheet HTML 378Page - Renesas Technology Corp H8S/2472 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 327 of 1198
REJ09B0403-0200
• PA6/ExIRQ6/EVENT6/A22/LNKSTA
The pin function is switched as shown below according to the setting of address 18 and the
PA6DDR bit.
Setting the ISS6 bit in ISSR makes the pin to function as the
ExIRQ6 input pin.
When using the pin as the
ExIRQ6 input, or an EVENT input pin, clear the PA6DDR bit to 0.
Though the settings for the EVENT input pin have been made, set the PA6DDR bit to 1 when
using the pin as the PA6 or A22 output pin.
When the module stop mode is cleared in both the EtherC and E-DMAC, this pin functions as
the LNKSTA input pin.
PA6DDR
0
1
1
Address 18
1
0
PA6 input pin
Pin function
ExIRQ6 input pin/EVENT6 input pin
PA6 output pin
A22 output pin
• PA5/ExIRQ5/EVENT5/A21/WOL
The pin function is switched as shown below according to the setting of the MPDE bit in
ECMR in EtherC, the address 18, and the PA5DDR bit.
Setting the ISS5 bit in ISSR to 1 makes the pin function as the ExIRQ5 input pin.
When using the pin as the ExIRQ5 input, or an EVENT input pin, clear the PA5DDR bit to 0.
Though the settings for the EVENT input pin have been made, set the PA5DDR bit to 1 when
using the pin as the A21 or PA5 output pin.
When the module stop mode is cleared in both the EtherC and E-DMAC, this pin functions as
the WOL output pin.
MPDE
0
PA5DDR
0
1
1
Address 18
X
1
0
PA5 input pin
Pin function
ExIRQ5 input pin/
EVENT5 input pin
PA5 output pin
A21 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com