| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2117R bảng dữ liệu(PDF) 156 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2117R bảng dữ liệu(HTML) 156 Page - Renesas Technology Corp |
|
156 / 1024 page ![]() Section 5 Interrupt Controller Rev. 1.00 Apr. 28, 2008 Page 130 of 994 REJ09B0452-0100 5.8.2 Instructions for Disabling Interrupts The instructions that disable interrupts are LDC, ANDC, ORC, and XORC. After any of these instructions are executed, all interrupts including NMI are disabled and the next instruction is always executed. When the I bit or UI bit is set by one of these instructions, the new value becomes valid two states after execution of the instruction ends. 5.8.3 Interrupts during Execution of EEPMOV Instruction Interrupt operation differs between the EEPMOV.B instruction and the EEPMOV.W instruction. With the EEPMOV.B instruction, an interrupt request including NMI issued during data transfer is not accepted until data transfer is completed. With the EEPMOV.W instruction, if an interrupt request is issued during data transfer, interrupt exception handling starts at a break in the transfer cycles. The PC value saved on the stack in this case is the address of the next instruction. Therefore, if an interrupt is generated during execution of an EEPMOV.W instruction, the following coding should be used. L1: EEPMOV.W MOV.W R4,R4 BNE L1 5.8.4 Vector Address Switching Switching between H8S/2140B Group compatible vector mode and extended vector mode must be done in a state with no interrupts occurring. If the EIVS bit in SYSCR3 is changed from 0 to 1 when interrupt input is enabled because the KIN15 to KIN0 and WUE15 to WUE8 pins are set at low level, a falling edge is detected, thus causing an interrupt to be generated. The vector mode must be changed when interrupt input is disabled, that is the KIN15 to KIN0 and WUE15 to WUE8 pins are set at high level. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |