| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2117R bảng dữ liệu(PDF) 1016 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2117R bảng dữ liệu(HTML) 1016 Page - Renesas Technology Corp |
|
1016 / 1024 page ![]() Rev. 1.00 Apr. 28, 2008 Page 990 of 994 REJ09B0452-0100 F Flash erase block select parameter ......... 775 Flash memory ................................. 329, 749 Flash multipurpose address area parameter ................................................ 774 Flash multipurpose data destination parameter ................................................ 774 Flash pass and fail parameter.................. 768 Flash program/erase frequency parameter ................................................ 773 FOVI....................................................... 350 Framing error.......................................... 431 G General registers....................................... 38 H H8S/2140B group compatible vector mode ............................................ 101 Hardware protection ............................... 798 I I2C bus data format ................................. 560 I2C bus interface (IIC) ............................ 529 ICIA........................................................ 350 ICIX........................................................ 384 IICI ......................................................... 581 Immediate ................................................. 59 Input capture operation........................... 382 Instruction set ........................................... 45 Interface.................................................. 403 Internal block diagram................................ 8 Interrupt controller.................................... 85 Interrupt exception handling..................... 81 interrupt exception handling vector table ............................................. 108 Interrupt mask bit ..................................... 40 interrupt mask level .................................. 39 Interval timer mode................................. 399 K Keyboard buffer control unit (PS2) ........ 587 L Logic operations instructions.................... 50 LPC interface (LPC) ............................... 615 LPC interface clock start request ............ 673 LSI internal states in each operating mode ............................... 849 M Memory indirect ....................................... 60 Mode transition diagram......................... 848 Module stop mode .................................. 854 Multiply-accumulate register (MAC) ....... 41 Multiprocessor communication function ................................................... 435 N Noise canceler......................................... 579 Normal mode ............................................ 32 O OCIA....................................................... 350 OCIB....................................................... 350 On-board programming .......................... 776 On-board programming mode................. 776 Operation field .......................................... 56 Output buffer control .............................. 154 Overflow ................................................. 398 Overrun error .......................................... 431 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |