công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 1007 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 1007 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 1003Page - Renesas Technology Corp H8S/2117R Datasheet HTML 1004Page - Renesas Technology Corp H8S/2117R Datasheet HTML 1005Page - Renesas Technology Corp H8S/2117R Datasheet HTML 1006Page - Renesas Technology Corp H8S/2117R Datasheet HTML 1007Page - Renesas Technology Corp H8S/2117R Datasheet HTML 1008Page - Renesas Technology Corp H8S/2117R Datasheet HTML 1009Page - Renesas Technology Corp H8S/2117R Datasheet HTML 1010Page - Renesas Technology Corp H8S/2117R Datasheet HTML 1011Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1007 / 1024 page
background image
Section 28 Electrical Characteristics
Rev. 1.00 Apr. 28, 2008 Page 981 of 994
REJ09B0452-0100
28.6
Usage Notes
It is necessary to connect a bypass capacitor between the VCC pin and VSS pin, and a capacitor
between the VCL pin and VSS pin for stable internal step-down power. An example of connection
is shown in figure 28.30.
Do not connect Vcc power supply to the VCL pin.
Always connect a capacitor for internal step-down power
stabilization. Use one or two ceramic multilayer capacitor(s)
(0.1
µF / 0.47 µF: connect in parallel when using two)
and place it (them) near the pin.
It is recommended that a bypass capacitor be connected
to the VCC pin. (The values are reference values.)
When connecting, place a bypass capacitor near the pin.
External capacitor
for internal step-down
power stabilization
One 0.1
µF /
0.47
µF or
two in parallel
VCL
VCC
Vcc power supply
VSS
VSS
0.01 µF
Bypass
capacitor
10 µF
Figure 28.30 Connection of VCC and VCL Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com