công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 893 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 893 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 889Page - Renesas Technology Corp H8S/2117R Datasheet HTML 890Page - Renesas Technology Corp H8S/2117R Datasheet HTML 891Page - Renesas Technology Corp H8S/2117R Datasheet HTML 892Page - Renesas Technology Corp H8S/2117R Datasheet HTML 893Page - Renesas Technology Corp H8S/2117R Datasheet HTML 894Page - Renesas Technology Corp H8S/2117R Datasheet HTML 895Page - Renesas Technology Corp H8S/2117R Datasheet HTML 896Page - Renesas Technology Corp H8S/2117R Datasheet HTML 897Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 893 / 1024 page
background image
Section 27 List of Registers
Rev. 1.00 Apr. 28, 2008 Page 867 of 994
REJ09B0452-0100
Register Name
Abbreviation
Number
of bits
Address
Module
Data
Width
Access
States
SCIF address register H
SCIFADRH
8
H'FDC4
LPC
8
2
SCIF address register L
SCIFADRL
8
H'FDC5
LPC
8
2
LPC channel 4 address register H
LADR4H
8
H'FDD4
LPC
8
2
LPC channel 4 address register L
LADR4L
8
H'FDD5
LPC
8
2
Input data register 4
IDR4
8
H'FDD6
LPC
8
2
Output data register 4
ODR4
8
H'FDD7
LPC
8
2
Status register 4
STR4
8
H'FDD8
LPC
8
2
Host interface control register 4
HICR4
8
H'FDD9
LPC
8
2
SERIRQ control register 2
SIRQCR2
8
H'FDDA
LPC
8
2
SERIRQ control register 3
SIRQCR3
8
H'FDDB
LPC
8
2
Port 6 noise canceler enable register
P6NCE
8
H'FE00
(PORTS = 0)
PORT
8
2
Port 6 noise canceler decision
control register
P6NCMC
8
H'FE01
(PORTS = 0)
PORT
8
2
Port 6 noise cancel cycle setting
register
P6NCCS
8
H'FE02
(PORTS = 0)
PORT
8
2
Port C noise canceler enable register PCNCE
8
H'FE03
(PORTS = 0)
PORT
8
2
Port C noise canceler decision
control register
PCNCMC
8
H'FE04
(PORTS = 0)
PORT
8
2
Port C noise cancel cycle setting
register
PCNCCS
8
H'FE05
(PORTS = 0)
PORT
8
2
Port G noise canceler enable register PGNCE
8
H'FE06
(PORTS = 0)
PORT
8
2
Port G noise canceler decision
control register
PGNCMC
8
H'FE07
(PORTS = 0)
PORT
8
2
Port G noise cancel cycle setting
register
PGNCCS
8
H'FE08
(PORTS = 0)
PORT
8
2
Port H input data register
PHPIN
8
H'FE0C (Read)
(PORTS = 0)
PORT
8
2
Port H data direction register
PHDDR
8
H'FE0C (Write)
(PORTS = 0)
PORT
8
2
Port H output data register
PHODR
8
H'FE0D
(PORTS = 0)
PORT
8
2
Port H Nch-OD control register
PHNOCR
8
H'FE0E
(PORTS = 0)
PORT
8
2
Port control register 0
PTCNT0
8
H'FE10
PORT
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com