công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 851 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 851 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 847Page - Renesas Technology Corp H8S/2117R Datasheet HTML 848Page - Renesas Technology Corp H8S/2117R Datasheet HTML 849Page - Renesas Technology Corp H8S/2117R Datasheet HTML 850Page - Renesas Technology Corp H8S/2117R Datasheet HTML 851Page - Renesas Technology Corp H8S/2117R Datasheet HTML 852Page - Renesas Technology Corp H8S/2117R Datasheet HTML 853Page - Renesas Technology Corp H8S/2117R Datasheet HTML 854Page - Renesas Technology Corp H8S/2117R Datasheet HTML 855Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 825 of 994
REJ09B0452-0100
(e)
Block Erasure
The boot program will erase the contents of the specified block.
Command
H'58
Size
Block number
SUM
• Command, H'58, (one byte): Erasure
• Size (one byte): The number of bytes that represents the erase block number
This is fixed to 1.
• Block number (one byte): Number of the block to be erased
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to Erasure
After erasure has been completed, the boot program will return ACK.
Error Response
H'D8
ERROR
• Error Response, H'D8, (one byte): Response to Erasure
• ERROR (one byte): Error code
H'11:
Sum check error
H'29:
Block number error
Block number is incorrect.
H'51:
Erasure error
An error has occurred during erasure.
On receiving block number H'FF, the boot program will stop erasure and wait for a selection
command.
Command
H'58
Size
Block number
SUM
• Command, H'58, (one byte): Erasure
• Size, (one byte): The number of bytes that represents the block number
This is fixed to 1.
• Block number (one byte): H'FF
Stop code for erasure
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to end of erasure (ACK)
When erasure is to be performed after the block number H'FF has been sent, the procedure
should be executed from the erasure selection command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com