công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 628 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 628 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 624Page - Renesas Technology Corp H8S/2117R Datasheet HTML 625Page - Renesas Technology Corp H8S/2117R Datasheet HTML 626Page - Renesas Technology Corp H8S/2117R Datasheet HTML 627Page - Renesas Technology Corp H8S/2117R Datasheet HTML 628Page - Renesas Technology Corp H8S/2117R Datasheet HTML 629Page - Renesas Technology Corp H8S/2117R Datasheet HTML 630Page - Renesas Technology Corp H8S/2117R Datasheet HTML 631Page - Renesas Technology Corp H8S/2117R Datasheet HTML 632Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 1024 page
background image
Section 19 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Apr. 28, 2008 Page 602 of 994
REJ09B0452-0100
12
89
017
10
11
KCLK
(pin state)
KCLK
(input)
Receive
completed
notification
KCLK
(output)
KBTE
KTER
KBTS
KD
(pin state)
Parity
I/O inhibit
[1] to [3]
[6] [7] [8]
[9] [10]
[11]
[4]
[5]
Stop bit
I/O inhibit
Start bit
Figure 19.6 Transmit Timing
19.4.3
Receive Abort
This LSI (system side) can forcibly abort transmission from the device connected to it (keyboard
side) in the event of a protocol error, etc. In this case, the system holds the clock low. During
reception, the keyboard also outputs a clock for synchronization, and the clock is monitored when
the keyboard output clock is high. If the clock is low at this time, the keyboard judges that there is
an abort request from the system, and data transmission from the keyboard is aborted. Thus the
system can abort reception by holding the clock low for a certain period. A sample receive abort
processing flowchart is shown in figure 19.7, and the receive abort timing in figure 19.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com