công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 600 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 600 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 596Page - Renesas Technology Corp H8S/2117R Datasheet HTML 597Page - Renesas Technology Corp H8S/2117R Datasheet HTML 598Page - Renesas Technology Corp H8S/2117R Datasheet HTML 599Page - Renesas Technology Corp H8S/2117R Datasheet HTML 600Page - Renesas Technology Corp H8S/2117R Datasheet HTML 601Page - Renesas Technology Corp H8S/2117R Datasheet HTML 602Page - Renesas Technology Corp H8S/2117R Datasheet HTML 603Page - Renesas Technology Corp H8S/2117R Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 574 of 994
REJ09B0452-0100
18.4.6
Slave Transmit Operation
If the slave address matches to the address in the first frame (address reception frame) following
the start condition detection when the 8th bit data (R/
W) is 1 (read), the TRS bit in ICCR is
automatically set to 1 and the mode changes to slave transmit mode.
Figure 18.16 shows the sample flowchart for the operations in slave transmit mode.
End
Write transmit data in ICDR
Clear IRIC in ICCR
Clear IRIC in ICCR
Clear ACKE to 0 in ICCR
(ACKB=0 clear)
Clear IRIC in ICCR
Read IRIC in ICCR
Read ACKB in ICSR
Set TRS = 0 in ICCR
Read ICDR
Read IRIC in ICCR
IRIC = 1?
Yes
Yes
No
No
IRIC = 1?
Yes
No
[1], [2] If the slave address matches to the address in the first frame
following the start condition detection and the R/
W bit is 1
in slave recieve mode, the mode changes to slave transmit mode.
[8] Set slave receive mode.
[6] Clear IRIC in ICCR
[7] Clear acknowledge bit data
[9] Dummy read (to release the SCL line).
[10] Wait for stop condition
[3], [5] Set transmit data for the second and subsequent bytes.
[3], [4] Wait for 1 byte to be transmitted.
[4] Determine end of transfer.
Slave transmit mode
End
of transmission
(ACKB = 1)?
Clear IRIC in ICCR
Figure 18.16 Sample Flowchart for Slave Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com