công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 371 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 371 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 367Page - Renesas Technology Corp H8S/2117R Datasheet HTML 368Page - Renesas Technology Corp H8S/2117R Datasheet HTML 369Page - Renesas Technology Corp H8S/2117R Datasheet HTML 370Page - Renesas Technology Corp H8S/2117R Datasheet HTML 371Page - Renesas Technology Corp H8S/2117R Datasheet HTML 372Page - Renesas Technology Corp H8S/2117R Datasheet HTML 373Page - Renesas Technology Corp H8S/2117R Datasheet HTML 374Page - Renesas Technology Corp H8S/2117R Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 345 of 994
REJ09B0452-0100
(3)
CMF Setting Timing when a Compare Match Occurs
The CMF flag in TDPCSR is set in the last state in which the values in TDPCNT and TDPWDMX
match (timing when TDPCNT updates the matched count value) in timer mode. Accordingly, a
compare match signal is not generated until an additional cycle of the TDPCNT input clock is
generated after a match between the values in TDPCNT and TDPWDMX. For details, see section
12.6.2, Conflict between TDPPDMX Write and Compare Match. Figure 12.6 shows the timing on
which the CMF flag is set.
φ
TDPCNT
TDPWDMX
CMF
N + 1
N
N
Compare match
signal
Figure 12.6 Timing of CMF Flag Setting on Compare Match
12.4.2
Cycle Measurement Mode
The TDP operates in cycle measurement mode when the TDPMDS bit in TDPCR1 is set to 1.
(1)
Counter Operation
TDPCNT counts up in cycle measurement mode regardless of the setting of the CST bit in
TDPCR1. TDPCNT is cleared to H'0000 when the first edge in the measurement period is
detected, from which state it counts up. Figure 12.7 shows an example of counter operation in
cycle measurement mode.
φ
TDPCYI
TDPCNT
clear signal
TDPCNT
input clock
H'0001
H'0000
H'0001
H'0002
H'0000
H'0003
N
TDPCNT
Figure 12.7 Example of Counter Operation in Cycle Measurement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com