công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 347 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 347 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 343Page - Renesas Technology Corp H8S/2117R Datasheet HTML 344Page - Renesas Technology Corp H8S/2117R Datasheet HTML 345Page - Renesas Technology Corp H8S/2117R Datasheet HTML 346Page - Renesas Technology Corp H8S/2117R Datasheet HTML 347Page - Renesas Technology Corp H8S/2117R Datasheet HTML 348Page - Renesas Technology Corp H8S/2117R Datasheet HTML 349Page - Renesas Technology Corp H8S/2117R Datasheet HTML 350Page - Renesas Technology Corp H8S/2117R Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1024 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Apr. 28, 2008 Page 321 of 994
REJ09B0452-0100
When the CMMS bit in TCMIER is set to 1, cycle measurement is performed only while the
TCMMCI signal is high (MCICTL in TCMCSR is 0). Figure 11.9 shows an example of timing in
cycle measurement when the CMMS bit is set to 1.
φ
TCMCYI
TCMMCI
TCMCNT
H'0006
M
012345670123456789 A B 0123 4
M
H'0007
H'000B
L
5
TCMICR
Figure 11.9 Example of Timing in Cycle Measurement when the CMMS Bit is Set to 1
(3)
Determination of External Event (TCMCYI) Stoppage
The timer overflow flag can be used to determine the external event (TCMCYI) stopped state.
Either of two sets of conditions represents the external event stopped state.
The external event can be considered to have stopped when a timer overflow is generated within
the period from the start of cycle measurement mode to detection of the first edge (rising or falling
as selected with the IEDG bit in TCMCR).
Figure 11.10 shows an example of the timing of the external event stopped state (1).
φ
TCMCYI
Start of measurement
TCMMDS
MAXOVF/
MINUDF
TCMCNT
H'0000
H'FFFF
H'0000
N
H'0000
H'0001
H'0002
OVF
Determined as external event stopped state
Figure 11.10 Example of Timing in External Event Stopped State (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com