công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 214 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 214 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 210Page - Renesas Technology Corp H8S/2112 Datasheet HTML 211Page - Renesas Technology Corp H8S/2112 Datasheet HTML 212Page - Renesas Technology Corp H8S/2112 Datasheet HTML 213Page - Renesas Technology Corp H8S/2112 Datasheet HTML 214Page - Renesas Technology Corp H8S/2112 Datasheet HTML 215Page - Renesas Technology Corp H8S/2112 Datasheet HTML 216Page - Renesas Technology Corp H8S/2112 Datasheet HTML 217Page - Renesas Technology Corp H8S/2112 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 190 of 866
REJ09B0451-0100
(5)
PG3/SCLB/
ExIRQ11
The pin function is switched as shown below according to the combination of the ICE bit in ICCR
of IIC_2, the IIC2AS bit in IIC2BS of PTCNT1, and the PG3DDR bit. When the ISS11 bit in
ISSR16 is set to 1 and the IRQ11E bit in IER16 of the interrupt controller is set to 1, this pin can
be used as the
ExIRQ11 input pin. SCLB_EN in the following table is expressed by the following
logical expression.
SCLB_EN = ICE·
IIC2BS·IIC2AS
SCLB_EN
0
1
PG3DDR
0
1
PG3 input pin
PG3 output pin
SCLB I/O pin
Pin function
ExIRQ11 input pin
Note:
The output format for SCLB is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG3 output pin, the output format is NMOS push-pull.
(6)
PG2/SDAB/
ExIRQ10
The pin function is switched as shown below according to the combination of the ICE bit in ICCR
of IIC_2, the IIC2AS bit in IIC2BS of PTCNT1, and the PG2DDR bit. When the ISS10 bit in
ISSR16 is set to 1 and the IRQ10E bit in IER16 of the interrupt controller is set to 1, this pin can
be used as the
ExIRQ10 input pin. SDAB_EN in the following table is expressed by the following
logical expression.
SDAB_EN = ICE·
IIC2BS·IIC2AS
SDAB_EN
0
1
PG2DDR
0
1
PG2 input pin
PG2 output pin
SDAB I/O pin
Pin function
ExIRQ10 input pin
Note:
The output format for SDAB is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG2 output pin, the output format is NMOS push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com