công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 205 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 205 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 201Page - Renesas Technology Corp H8S/2112 Datasheet HTML 202Page - Renesas Technology Corp H8S/2112 Datasheet HTML 203Page - Renesas Technology Corp H8S/2112 Datasheet HTML 204Page - Renesas Technology Corp H8S/2112 Datasheet HTML 205Page - Renesas Technology Corp H8S/2112 Datasheet HTML 206Page - Renesas Technology Corp H8S/2112 Datasheet HTML 207Page - Renesas Technology Corp H8S/2112 Datasheet HTML 208Page - Renesas Technology Corp H8S/2112 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 181 of 866
REJ09B0451-0100
(3)
PC5/
WUE13/TIOCB1/TCLKC
The pin function is switched as shown below according to the combination of the TPU channel 1
setting, the TPSC2 to TPSC0 bits in TCR_0 or TCR_2 of TPU, and the PC5DDR bit.
When the WUEMR13 bit in WUEMRA of the interrupt controller is cleared to 0, this pin
functions as the
WUE13 input pin.
TPU channel 1 setting
Input setting or initial value
Output setting
PC5DDR
0
1
PC5 input pin
PC5 output pin
TIOCB1 input pin*
2
TIOCB1 output pin
Pin function
WUE13 input pin/TCLKC input pin*1
Notes: 1. This pin functions as the TCLKC input pin when the TPSC2 to TPSC0 bits in TCR_0 or
TCR_2 are B'110. Also, when channel 1 is set to phase counting mode, this pin
functions as the TCLKC input pin.
2. This pin functions as the TIOCB1 input pin when the TPU channel 1 timer is set to
normal operation mode, or to phase counting mode while the IOB3 to IOB0 bits in
TIOR_1 are set to B'10xx. (x: Don't care)
(4)
PC4/
WUE12/TIOCA1
The pin function is switched as shown below according to the combination of the TPU channel 1
setting and the PC4DDR bit.
When the WUEMR12 bit in WUEMRA of the interrupt controller is cleared to 0, this pin
functions as the
WUE12 input pin.
TPU channel 1 setting
Input setting or initial value
Output setting
PC4DDR
0
1
PC4 input pin
PC4 output pin
TIOCA1 input pin*
TIOCA1 output pin
Pin function
WUE12 input pin
Note:
*
This pin functions as the TIOCA1 input pin when the TPU channel 1 timer is set to
normal operation mode, or to phase counting mode while the IOA3 to IOA0 bits in
TIOR_1 are set to B'10xx. (x: Don't care)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com