| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2112 bảng dữ liệu(PDF) 157 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2112 bảng dữ liệu(HTML) 157 Page - Renesas Technology Corp |
|
157 / 894 page ![]() Section 6 Interrupt Controller Rev. 1.00 Mar. 18, 2008 Page 133 of 866 REJ09B0451-0100 Table 6.9 shows operations and control signal functions in each interrupt control mode. Table 6.9 Operations and Control Signal Functions in Each Interrupt Control Mode Setting Interrupt Acceptance Control 3-Level Control Interrupt Control Mode INTM1 INTM0 I UI ICR Default Priority Determination 0 0 0 Ο IM — PR Ο 1 1 Ο IM IM PR Ο [Legend] Ο: Interrupt operation control is performed IM: Used as an interrupt mask bit PR: Priority is set —: Not used 6.6.1 Interrupt Control Mode 0 In interrupt control mode 0, interrupt requests other than NMI and address break are masked by ICR and the I bit of CCR in the CPU. Figure 6.7 shows a flowchart of the interrupt acceptance operation. 1. If an interrupt source occurs when the corresponding interrupt enable bit is set to 1, an interrupt request is sent to the interrupt controller. 2. According to the interrupt control level specified in ICR, the interrupt controller only accepts an interrupt request with interrupt control level 1 (priority), and holds pending an interrupt request with interrupt control level 0 (no priority). If several interrupt requests are issued, an interrupt request with the highest priority is accepted according to the priority order, an interrupt handling is requested to the CPU, and other interrupt requests are held pending. 3. If the I bit in CCR is set to 1, the interrupt controller holds pending interrupt requests other than NMI and address break. If the I bit is cleared to 0, any interrupt request is accepted. 4. When the CPU accepts an interrupt request, it starts interrupt exception handling after execution of the current instruction has been completed. 5. The PC and CCR are saved to the stack area by interrupt exception handling. The PC saved on the stack shows the address of the first instruction to be executed after returning from the interrupt handling routine. 6. Next, the I bit in CCR is set to 1. This masks all interrupts except for NMI and address break interrupts. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |