công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 108 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 108 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 104Page - Renesas Technology Corp H8S/2112 Datasheet HTML 105Page - Renesas Technology Corp H8S/2112 Datasheet HTML 106Page - Renesas Technology Corp H8S/2112 Datasheet HTML 107Page - Renesas Technology Corp H8S/2112 Datasheet HTML 108Page - Renesas Technology Corp H8S/2112 Datasheet HTML 109Page - Renesas Technology Corp H8S/2112 Datasheet HTML 110Page - Renesas Technology Corp H8S/2112 Datasheet HTML 111Page - Renesas Technology Corp H8S/2112 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 894 page
background image
Section 4 Resets
Rev. 1.00 Mar. 18, 2008 Page 84 of 866
REJ09B0451-0100
4.5
Power-on Reset
This is an internal reset generated by the power-on reset. A power-on with the
RES pin held high
generates the power-on reset. When VCC exceeds the level of Vpor, the power-on reset is
canceled after the elapse of the stabilization time. When the power supply voltage falls down with
RES pin held high and the VCC goes below the level of Vpor, a power-on reset is generated. Then
when the VCC rises to exceed the level of Vpor, the power on reset is canceled after the elapse of
the stabilization time. If a power-on reset is generated, the PORF bit in RSTSR is set to 1. The
PORF bit is a read-only register that can be initialized only by resetting the pin. Figure 4.2 shows
the operation of the power-on reset.
Vpor*1
External
power supply
Vcc
RES pin
Internal reset
signal*2 (enabled
when in low state)
Power-on reset
signal (enabled
when in low state)
PORF
(logical value)
Note: For details on the electrical characteristics, see section 26, Electrical characteristics.
1. Vpor indicates the level of the power-on reset detection.
2. The internal reset signal initializes the internal state of bits other than the bit PORF
and the state of the pins.
3. Tpor indicates the power-on reset time.
Reset state
Reset state
Tpor
*3
Tpor
*3
Reset state
Set
Set
Figure 4.2 The Operation of the Power-On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com