| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2112 bảng dữ liệu(PDF) 886 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2112 bảng dữ liệu(HTML) 886 Page - Renesas Technology Corp |
|
886 / 894 page ![]() Rev. 1.00 Mar. 18, 2008 Page 862 of 866 REJ09B0451-0100 Flash program/erase frequency parameter ................................................ 665 Framing error.......................................... 391 G General registers....................................... 35 H H8S/2140B group compatible vector mode ............................................ 114 Hardware protection ............................... 689 I I2C bus data format ................................. 495 I2C bus interface (IIC) ............................ 465 ICIX........................................................ 343 IICI ......................................................... 516 Immediate ................................................. 56 Input capture operation........................... 341 Instruction set ........................................... 42 Interface.................................................. 361 Internal block diagram................................ 8 Interrupt controller.................................... 97 Interrupt exception handling..................... 93 interrupt exception handling vector table ............................................. 123 Interrupt mask bit ..................................... 37 Interrupt mask level .................................. 36 Interval timer mode ................................ 357 K Keyboard buffer control unit (PS2) ........ 527 L Logic operations instructions.................... 47 LPC interface (LPC) ............................... 555 LPC interface clock start request ............ 613 LSI internal states in each operating mode ........................... 742 M Memory indirect ....................................... 57 Mode transition diagram......................... 741 Module stop mode .................................. 748 Multiprocessor communication function ................................................... 395 N Noise canceler......................................... 514 O On-board programming .......................... 668 On-board programming mode................. 668 Operation field .......................................... 53 Output buffer control .............................. 165 Overflow ................................................. 356 Overrun error .......................................... 391 OVI ......................................................... 343 P Parity error .............................................. 391 Pin arrangement in each operating mode ............................. 12 Pin assignments........................................... 9 Pin functions ............................................. 19 Power-down modes................................. 733 Program counter (PC) ............................... 36 Program-counter relative .......................... 56 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |