công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 879 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 879 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 875Page - Renesas Technology Corp H8S/2112 Datasheet HTML 876Page - Renesas Technology Corp H8S/2112 Datasheet HTML 877Page - Renesas Technology Corp H8S/2112 Datasheet HTML 878Page - Renesas Technology Corp H8S/2112 Datasheet HTML 879Page - Renesas Technology Corp H8S/2112 Datasheet HTML 880Page - Renesas Technology Corp H8S/2112 Datasheet HTML 881Page - Renesas Technology Corp H8S/2112 Datasheet HTML 882Page - Renesas Technology Corp H8S/2112 Datasheet HTML 883Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 879 / 894 page
background image
Appendix
Rev. 1.00 Mar. 18, 2008 Page 855 of 866
REJ09B0451-0100
Appendix
A.
I/O Port States in Each Pin State
Table A.1
I/O Port States in Each Pin State
Port Name
Pin Name
Reset
Software
Standby Mode
Watch Mode
Sleep Mode
Program
Execution State
Port 1
T
keep
keep
keep
I/O port
Port 2
T
keep
keep
keep
I/O port
Port 3
T
keep
keep
keep
I/O port
Port 4
T
keep
keep
keep
I/O port
Ports 52 to 50
T
keep
keep
keep
I/O port
Port 6
T
keep
keep
keep
I/O port
Ports 7 and E4 to
E1
T
T
T
T
Input port
Port 8
T
keep
keep
keep
I/O port
Port 97
T
keep
keep
keep
I/O port
Port 96
φ,
EXCL
T
[DDR = 1]H
[DDR = 0]T
EXCL input/
keep
[DDR = 1]
Clock output
[DDR = 0]T
Clock output/
EXCL input/
Input port
Ports 95 to 90
T
keep
keep
keep
I/O port
Ports A to D,
F, G, and H
T
keep
keep
keep
I/O port
Port E0
T
T
ExEXCL input/T
T
ExEXCL input/
input port
[Legend]
H:
High level
L:
Low level
T:
High impedance
keep:
Input ports are in the high-impedance state (when DDR = 0 and PCR = 1, the input pull-up
MOS remains on).
Output ports maintain their previous state.
Depending on the pins, the on-chip peripheral modules may be initialized and the I/O port
function determined by DDR and DR.
DDR:
Data direction register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com