công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 645 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 645 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 641Page - Renesas Technology Corp H8S/2112 Datasheet HTML 642Page - Renesas Technology Corp H8S/2112 Datasheet HTML 643Page - Renesas Technology Corp H8S/2112 Datasheet HTML 644Page - Renesas Technology Corp H8S/2112 Datasheet HTML 645Page - Renesas Technology Corp H8S/2112 Datasheet HTML 646Page - Renesas Technology Corp H8S/2112 Datasheet HTML 647Page - Renesas Technology Corp H8S/2112 Datasheet HTML 648Page - Renesas Technology Corp H8S/2112 Datasheet HTML 649Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 645 / 894 page
background image
Section 20 A/D Converter
Rev. 1.00 Mar. 18, 2008 Page 621 of 866
REJ09B0451-0100
Section 20 A/D Converter
This LSI includes one unit (unit 0) of successive-approximation-type 10-bit A/D converter that
allows up to twelve analog input channels to be selected. Figure 20.1 shows a block diagram for
unit 0.
20.1
Features
• 10-bit resolution
• Input channels: Twelve channels
• Conversion cycle: 40 cycles (A/D conversion clock)
• Two kinds of operating modes
Single mode: Single-channel A/D conversion
Scan mode: Continuous A/D conversion on one to four channels or continuous A/D conversion
on one to eight channels
• A/D conversion clocks specifiable (φ, φ/2, φ/4, or φ/8)
• Eight data registers
Conversion results are held in a 16-bit data register for each channel
• Sample and hold function
• Three kinds of A/D conversion start
Software
Conversion start trigger from 16-bit timer pulse unit (TPU) or 8-bit timer (TMR)
• Interrupt source
A/D conversion end interrupt (ADI) request can be generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com