công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 631 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 631 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 627Page - Renesas Technology Corp H8S/2112 Datasheet HTML 628Page - Renesas Technology Corp H8S/2112 Datasheet HTML 629Page - Renesas Technology Corp H8S/2112 Datasheet HTML 630Page - Renesas Technology Corp H8S/2112 Datasheet HTML 631Page - Renesas Technology Corp H8S/2112 Datasheet HTML 632Page - Renesas Technology Corp H8S/2112 Datasheet HTML 633Page - Renesas Technology Corp H8S/2112 Datasheet HTML 634Page - Renesas Technology Corp H8S/2112 Datasheet HTML 635Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 631 / 894 page
background image
Section 19 LPC Interface (LPC)
Rev. 1.00 Mar. 18, 2008 Page 607 of 866
REJ09B0451-0100
19.4.4
LPC Interface Shutdown Function (LPCPD)
The LPC interface can be placed in the shutdown state according to the state of the
LPCPD pin.
There are two kinds of LPC interface shutdown state: LPC hardware shutdown and LPC software
shutdown. The LPC hardware shutdown state is controlled by the
LPCPD pin, while the LPC
software shutdown state is controlled by the SDWNB bit. In both states, the LPC interface enters
the reset state by itself, and is no longer affected by external signals other than the
LRESET and
LPCPD signals.
Placing the slave in sleep mode or software standby mode is effective in reducing current
dissipation in the shutdown state. If software standby mode is set, some means must be provided
for exiting software standby mode before clearing the shutdown state with the
LPCPD signal.
If the SDWNE bit has been set to 1 beforehand, the LPC hardware shutdown state is entered at the
same time as the
LPCPD signal falls, and prior preparation is not possible. If the LPC software
shutdown state is set by means of the SDWNB bit, on the other hand, the LPC software shutdown
state cannot be cleared at the same time as the rising edge of the
LPCPD signal. Taking these
points into consideration, the following operating procedure uses a combination of LPC software
shutdown and LPC hardware shutdown.
1. Clear the SDWNE bit to 0.
2. Set the ERRIE bit to 1 and wait for an interrupt by the SDWN flag.
3. When an ERRI interrupt is generated by the SDWN flag, check the LPC interface internal
status flags and perform any necessary processing.
4. Set the SDWNB bit to 1 to set LPC software standby mode.
5. Set the SDWNE bit to 1 and make a transition to LPC hardware standby mode. The SDWNB
bit is cleared automatically.
6. Check the state of the
LPCPD signal to make sure that the LPCPD signal has not risen during
steps 3 to 5. If the signal has risen, clear SDWNE to 0 to return to the state in step 1.
7. If software standby mode has been set, exit software standby mode by some means
independent of the LPC.
8. When a rising edge is detected in the
LPCPD signal, the SDWNE bit is automatically cleared
to 0. If the slave has been placed in sleep mode, the mode is exited by means of
LRESET
signal input, on completion of the LPC transfer cycle, or by some other means.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com