công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 603 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 603 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 599Page - Renesas Technology Corp H8S/2112 Datasheet HTML 600Page - Renesas Technology Corp H8S/2112 Datasheet HTML 601Page - Renesas Technology Corp H8S/2112 Datasheet HTML 602Page - Renesas Technology Corp H8S/2112 Datasheet HTML 603Page - Renesas Technology Corp H8S/2112 Datasheet HTML 604Page - Renesas Technology Corp H8S/2112 Datasheet HTML 605Page - Renesas Technology Corp H8S/2112 Datasheet HTML 606Page - Renesas Technology Corp H8S/2112 Datasheet HTML 607Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 894 page
background image
Section 19 LPC Interface (LPC)
Rev. 1.00 Mar. 18, 2008 Page 579 of 866
REJ09B0451-0100
19.3.11
Bidirectional Data Registers 0 to 15 (TWR0 to TWR15)
TWR0 to TWR15 are sixteen 8-bit readable/writable registers to both the slave (this LSI) and host.
In TWR0, however, two registers (TWR0MW and TWR0SW) are allocated to the same address
for both the host and the slave addresses. TWR0MW is a write-only register for the host, and a
read-only register for the slave, while TWR0SW is a write-only register for the slave and a read-
only register for the host. When the host and slave begin a write, after the respective registers of
TWR0 have been written to, arbitration for simultaneous access is performed by checking the
status flags whether or not those writes were valid. For the registers selected from the host
according to the I/O address, see section 19.3.7, LPC Channel 3 Address Registers H and L
(LADR3H and LADR3L).
Data transferred in an LPC I/O write cycle is written to the selected register; in an LPC I/O read
cycle, the data in the selected register is transferred to the host. The initial values of TWR0 to
TWR15 are H'00.
19.3.12
Status Registers 1 to 4 (STR1 to STR4)
STR1 to STR4 are 8-bit registers that indicate status information during LPC interface processing.
The registers selected from the host according to the I/O address are shown in the following table.
In an LPC I/O read cycle, the data in the selected register is transferred to the host.
I/O Address
Bits 15 to 4
Bit 3
Bit 2
Bit 1
Bit 0
Transfer
Cycle
Host Register Selection
Bits 15 to 4
Bit 3
1
Bit1
Bit 0
I/O read
STRn read
n = 1 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com