công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 585 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 585 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 581Page - Renesas Technology Corp H8S/2112 Datasheet HTML 582Page - Renesas Technology Corp H8S/2112 Datasheet HTML 583Page - Renesas Technology Corp H8S/2112 Datasheet HTML 584Page - Renesas Technology Corp H8S/2112 Datasheet HTML 585Page - Renesas Technology Corp H8S/2112 Datasheet HTML 586Page - Renesas Technology Corp H8S/2112 Datasheet HTML 587Page - Renesas Technology Corp H8S/2112 Datasheet HTML 588Page - Renesas Technology Corp H8S/2112 Datasheet HTML 589Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 585 / 894 page
background image
Section 19 LPC Interface (LPC)
Rev. 1.00 Mar. 18, 2008 Page 561 of 866
REJ09B0451-0100
19.3.1
Host Interface Control Registers 0 and 1 (HICR0 and HICR1)
HICR0 and HICR1 contain control bits that enable or disable LPC interface functions, control bits
that determine pin output and the internal state of the LPC interface, and status flags that monitor
the internal state of the LPC interface.
• HICR0
R/W
Bit
Bit Name
Initial
Value
Slave Host
Description
7
6
5
LPC3E
LPC2E
LPC1E
0
0
0
R/W
R/W
R/W
LPC Enables 3 to 1
Enable or disable the LPC interface function. When the
LPC interface is enabled (one of the three bits is set to
1), processing for data transfer between the slave (this
LSI) and the host is performed using pins LAD3 to
LAD0,
LFRAME, LRESET, LCLK, SERIRQ, CLKRUN,
and
LPCPD.
• LPC3E
0: LPC channel 3 operation is disabled
No address (LADR3) matches for IDR3, ODR3,
STR3, or TWR0 to TWR15
1: LPC channel 3 operation is enabled
• LPC2E
0: LPC channel 2 operation is disabled
No address (LADR2) matches for IDR2, ODR2, or
STR2
1: LPC channel 2 operation is enabled
• LPC1E
0: LPC channel 1 operation is disabled
No address (LADR1) matches for IDR1, ODR1, or
STR1
1: LPC channel 1 operation is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com