công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 530 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 530 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 526Page - Renesas Technology Corp H8S/2112 Datasheet HTML 527Page - Renesas Technology Corp H8S/2112 Datasheet HTML 528Page - Renesas Technology Corp H8S/2112 Datasheet HTML 529Page - Renesas Technology Corp H8S/2112 Datasheet HTML 530Page - Renesas Technology Corp H8S/2112 Datasheet HTML 531Page - Renesas Technology Corp H8S/2112 Datasheet HTML 532Page - Renesas Technology Corp H8S/2112 Datasheet HTML 533Page - Renesas Technology Corp H8S/2112 Datasheet HTML 534Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 530 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 506 of 866
REJ09B0451-0100
Slave receive mode
End
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Set ACKB = 0 in ICSR
Read AASX, AAS and ADZ in ICSR
Read TRS in ICCR
Read IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Read ICDR
Read ICDR
General call address processing
* Description omitted
Set MST = 0
and TRS = 0 in ICCR
IRIC = 1?
No
Yes
Clear IRIC flag in ICCR
Set ACKB = 1 in ICSR
TRS = 1?
IRIC = 1?
Yes
Yes
No
Yes
No
AAS = 1
and ADZ = 1?
Read IRIC flag in ICCR
IRIC = 1?
ESTP = 1 or
STOP = 1?
No
Yes
No
[1] Initialization. Select slave receive mode.
[2] Read the receive data remaining unread.
[3] to [7] Wait for one byte to be received (slave address + R/W)
[10] Read the receive data. The first read is a dummy read.
[9] Set acknowledge data for the last reception.
[8] Clear IRIC flag
[5] to [7] Wait for the reception to end.
Slave transmit mode
Last reception?
No
No
Yes
Yes
Read ICDR, clear IRIC flag
No
Yes
Initialize IIC
ICDRF = 1?
[8] Clear IRIC flag.
[5] to [7] Wait for reception end.
[11] Detect stop condition.
[12] Check STOP bit.
[12] Clear IRIC flag.
[8] Clear IRIC flag.
[10] Read the receive data.
Figure 16.13 Sample Flowchart for Operations in Slave Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com