công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 369 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 369 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 365Page - Renesas Technology Corp H8S/2112 Datasheet HTML 366Page - Renesas Technology Corp H8S/2112 Datasheet HTML 367Page - Renesas Technology Corp H8S/2112 Datasheet HTML 368Page - Renesas Technology Corp H8S/2112 Datasheet HTML 369Page - Renesas Technology Corp H8S/2112 Datasheet HTML 370Page - Renesas Technology Corp H8S/2112 Datasheet HTML 371Page - Renesas Technology Corp H8S/2112 Datasheet HTML 372Page - Renesas Technology Corp H8S/2112 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 894 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 Mar. 18, 2008 Page 345 of 866
REJ09B0451-0100
12.9.3
Conflict between TCOR Write and Compare-Match
If a compare-match occurs during the T
2 state of a TCOR write cycle as shown in figure 12.15, the
TCOR write takes priority and the compare-match signal is disabled. With TMR_X, a TICR input
capture conflicts with a compare-match in the same way as with a write to TCORC. In this case
also, the input capture takes priority and the compare-match signal is disabled.
φ
Address
TCOR address
Internal write signal
TCNT
TCOR
N
M
T
1
T
2
TCOR write cycle by CPU
TCOR write data
N
N + 1
Compare-match signal
Disabled
Figure 12.15 Conflict between TCOR Write and Compare-Match
12.9.4
Conflict between Compare-Matches A and B
If compare-matches A and B occur at the same time, the operation follows the output status that is
defined for compare-match A or B, according to the priority of the timer output shown in table
12.7.
Table 12.7
Timer Output Priorities
Output Setting
Priority
Toggle output
1 output
0 output
High
No change
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com