| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/8A bảng dữ liệu(PDF) 307 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A bảng dữ liệu(HTML) 307 Page - Renesas Technology Corp |
|
307 / 372 page ![]() M32C/8A Group 22. Programmable I/O Ports Rev.1.00 Jul 15, 2007 Page 290 of 352 REJ09B0385-0100 Figure 22.11 PSC Register b7 0 0 0 0 0 0 b6 b5 b4 b1 b2 b3 Symbol PSC Address 03AFh After Reset 00X0 0000b b0 Function Bit Symbol Bit Name RW − (b6-b5) PSC_7 Port P7_3 peripheral function output select bit Port P10_4 to P10_7 peripheral function input select bit RW RW RW PSC_4 RW PSC_3 Reserved bits Function Select Register C Port P7_4 peripheral function output select bit Port P7_1 peripheral function output select bit PSC_1 RW Port P7_2 peripheral function output select bit RW PSC_2 0: TXD2/SDA2 output 1: Do not set to this value Port P7_0 peripheral function output select bit PSC_0 RW 0: SCL2 output 1: Do not set to this value 0: CLK2 output 1: V 0: RTS2 1: Do not set to this value 0: TA2OUT output 1: Do not set to this value Set to 0 0: P10_4 to P10_7 or KI0 to KI3 1: AN_4 to AN_7(1) NOTE: 1. Set bits ILVL2 to ILVL0 in the KUPIC register to 000b (interrupt disabled) to change the PSC_7 bit. If AN_4 to AN_7 are used with the PSC_7 bit setting to 0, power consumption may increase. |