| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/8A bảng dữ liệu(PDF) 199 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A bảng dữ liệu(HTML) 199 Page - Renesas Technology Corp |
|
199 / 372 page ![]() M32C/8A Group 16. Three-Phase Motor Control Timer Function Rev.1.00 Jul 15, 2007 Page 182 of 352 REJ09B0385-0100 Figure 16.4 TB2MR Register when Using Three-Phase Motor Control Timer Function b7 0 0 0 b6 b5 b4 b1 b2 b3 Symbol TB2MR Address 035Dh After Reset 00XX 0000b b0 Function Bit Symbol Bit Name RW MR3 TCK1 RW RW RW RW MR2 − MR1 Count source select bits TCK0 Timer B2 Mode Register TMOD1 RW RW MR0 Set to 00b (timer mode) to use the three-phase motor control timer function Operating mode select bits TMOD0 RW Disabled to use the three-phase motor control timer function. Can be set to either 0 or 1. Set to 00b (f1) to use the three-phase motor control timer function Set to 0 to use the three-phase motor control timer function Unimplemented. Write 0. Read as undefined value. |