| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/8A bảng dữ liệu(PDF) 118 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A bảng dữ liệu(HTML) 118 Page - Renesas Technology Corp |
|
118 / 372 page ![]() M32C/8A Group 11. Interrupts Rev.1.00 Jul 15, 2007 Page 101 of 352 REJ09B0385-0100 Table 11.3 Relocatable Vector Tables (2) NOTES: 1. These are the address offset from the base address set in the INTB register. 2. The I flag does not disable this interrupt. 3. In I2C mode, NACK, ACK, or start/stop condition detection can be the interrupt sources. 4. The IFSR6 bit in the IFSR register selects either UART0 or UART3. The IFSR7 bit selects either UART1 or UART4. Interrupt Source Vector Table Address Address (L) to Address (H)(1) Software Interrupt Number Reference Bus conflict detection, Start condition detection/ Stop condition detection (UART2)(3) +156 to +159 (009Ch to 009Fh) 39 Serial interfaces Bus conflict detection, Start condition detection/ Stop condition detection (UART3 or UART0)(4) +160 to +163 (00A0h to 00A3h) 40 Bus conflict detection, Start condition detection/ Stop condition detection (UART4 or UART1)(4) +164 to +167 (00A4h to 00A7h) 41 A/D0 +168 to +171 (00A8h to 00ABh) 42 A/D converter Key input +172 to +175 (00ACh to 00AFh) 43 Interrupts Reserved space +176 to +255 (00B0h to 00FFh) 44 to 63 - INT instruction(2) +0 to +3 (0000h to 0003h) to +252 to +255 (00FCh to 00FFh) 0 to 63 Interrupts |