| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/8A bảng dữ liệu(PDF) 354 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A bảng dữ liệu(HTML) 354 Page - Renesas Technology Corp |
|
354 / 372 page ![]() M32C/8A Group 24. Usage Notes Rev.1.00 Jul 15, 2007 Page 337 of 352 REJ09B0385-0100 24.4 Protection The PRC2 bit in the PRCR register becomes 0 (write disable) by a write to the SFR area after the PRC2 bit is set to 1 (write enable). Set a register protected by the PRC2 bit immediately after the PRC2 bit is set to 1. Do not generate an interrupt or a DMA or DMACII transfer between these two instructions. |