| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M306V2EEFS bảng dữ liệu(PDF) 188 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS bảng dữ liệu(HTML) 188 Page - Renesas Technology Corp |
|
188 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 188 of 269 M306V2ME-XXXFP, M306V2EEFP Note : 1TC (TC : OSD clock cycle divided in pre-divide circuit) gap occurs between the horizontal display start position set by the horizontal position register and the most left dot of the 1st block. Accord- ingly, when 2 blocks have different pre-divide ratios, their horizontal display start position will not match. Ordinary, this gap is 1TC regardless of character sizes, however, the gap is 1.5TC only when the character size is 1.5TC. Figure 2.16.12 Notes on horizontal display start position HSYNC 1TC 1TC Block 1 (Pre-divide ratio = 1) 1TC 4TOSC ✕ N Note 1 Block 2 (Pre-divide ratio = 2) Block 3 (Pre-divide ratio = 3) Block 4 (Pre-divide ratio = 2, character size = 1.5Tc) 1.5TC = Value of horizontal position register (decimal notation) = OSD clock cycle divided in pre-divide circuit = OSD oscillation cycle = 50Tosc N Tc Tosc Tdef Tdef |