| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST6210BN6/OTP bảng dữ liệu(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6210BN6/OTP bảng dữ liệu(HTML) 101 Page - STMicroelectronics |
|
101 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 101/104 13 ST6 APPLICATION NOTES IDENTIFICATION DESCRIPTION MOTOR CONTROL AN392 MICROCONTROLLER AND TRIACS ON THE 110/240V MAINS AN414 CONTROLLING A BRUSH DC MOTOR WITH AN ST6265 MCU AN416 SENSORLESS MOTOR DRIVE WITH THE ST62 MCU + TRIAC AN422 IMPROVES UNIVERSAL MOTOR DRIVE AN863 IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR BATTERY MANAGEMENT AN417 FROM NICD TO NIMH FAST BATTERY CHARGING AN433 ULTRA FAST BATTERY CHARGER USING ST6210 MICROCONTROLLER AN859 AN INTELLIGENT ONE HOUR MULTICHARGER FOR Li-Ion, NiMH and NiCd BATTERIES HOME APPLIANCE AN674 MICROCONTROLLERS IN HOME APPLIANCES: A SOFT REVOLUTION AN885 ST62 MICROCONTROLLERS DRIVE HOME APPLIANCE MOTOR TECHNOLOGY GRAPHICAL DESIGN AN676 BATTERY CHARGER USING THE ST6-REALIZER AN677 PAINLESS MICROCONTROLLER CODE BY GRAPHICAL APPLICATION DESCRIPTION AN839 ANALOG MULTIPLE KEY DECODING USING THE ST6-REALIZER AN840 CODED LOCK USING THE ST6-REALIZER AN841 A CLOCK DESIGN USING THE ST6-REALIZER AN842 7 SEGMENT DISPLAY DRIVE USING THE ST6-REALIZER COST REDUCTION AN431 USING ST6 ANALOG INPUTS FOR MULTIPLE KEY DECODING AN594 DIRECT SOFTWARE LCD DRIVE WITH ST621X AND ST626X AN672 OPTIMIZING THE ST6 A/D CONVERTER ACCURACY AN673 REDUCING CURRENT CONSUMPTION AT 32KHZ WITH ST62 DESIGN IMPROVEMENTS AN420 EXPANDING A/D RESOLUTION OF THE ST6 A/D CONVERTER AN432 USING ST62XX I/O PORTS SAFELY AN434 MOVEMENT DETECTOR CONCEPTS FOR NOISY ENVIRONMENTS AN435 DESIGNING WITH MICROCONTROLLERS IN NOISY ENVIRONMENTS AN669 SIMPLE RESET CIRCUITS FOR THE ST6 AN670 OSCILLATOR SELECTION FOR ST62 AN671 PREVENTION OF DATA CORRUPTION IN ST6 ON-CHIP EEPROM AN911 ST6 MICRO IS EMC CHAMPION AN975 UPGRADING FROM ST625X/6XB TO ST625X/6XC AN1015 SOFTWARE TECHNIQUES FOR IMPROVING ST6 EMC PERFORMANCE PERIPHERAL OPERATIONS AN590 PWM GENERATION WITH ST62 AUTO-RELOAD TIMER AN591 INPUT CAPTURE WITH ST62 AUTO-RELOAD TIMER AN592 PLL GENERATION USING THE ST62 AUTO-RELOAD TIMER AN593 ST62 IN-CIRCUIT PROGRAMMING AN678 LCD DRIVING WITH ST6240 1 |