| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV82X7 bảng dữ liệu(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV82X7 bảng dữ liệu(HTML) 101 Page - STMicroelectronics |
|
101 / 156 page ![]() 101/156 STV82x7 Register List Note: Switching between Stereo and Forced Mono modes can be done using (FM_L + FM_R)/2 or (NIC_L + NIC_R)/2 configurations. AUDIO_MATRIX_LANGUAGE Table 22: Demod Matrix Input Mode Language -> Stereo Mono A Mono B Mono C Backup mode demod_mx L R L R L R L R Mono AM/FM with backup 0000 FM FM FM FM Mono AM/FM no backup 0001 - - - FM Zwt St 0100 FM_L FM_R (FM_L + FM_R)/2 (FM_L + FM_R)/2 (FM_L + FM_R)/2 Zwt Dual 0101 FM_M1 FM_M2 FM_M1 FM_M2 (FM_M1 + FM_M2)/2 NICAM Mn, backup 1000 NIC_M1 NIC_M1 NIC_M1 FM Mono AM/FM with backup NICAM Dual backup 1001 NIC_M1 NIC_M2 NIC_M1 NIC_M2 FM Mono AM/FM with backup NICAM St, backup 1010 NIC_L NIC_R (NIC_L + NIC_R)/2 (NIC_L + NIC_R)/2 FM Mono AM/FM with backup NICAM Mn, no backup 1100 NIC_M1 NIC_M1 NIC_M1 FM Mono AM/FM no backup NICAM Dual, no backup 1101 NIC_M1 NIC_M2 NIC_M1 NIC_M2 FM Mono AM/FM no backup NICAM St, no backup 1110 NIC_L NIC_R (NIC_L + NIC_R)/2 (NIC_L + NIC_R)/2 FM Mono AM/FM no backup Table 23: SCART Matrix SCART_MX Stereo Mono A Mono B Mono C Left Right Left Right Left Right Left Right 0 SCART_L SCART_R SCART_L SCART_R (SCART_L + SCART_R)/2 1 SCART_R SCART_L SCART_R SCART_L (SCART_L + SCART_R)/2 Address: A4h Type: R/W Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 MUTE_STEREO MUTE_ALL SCART_LANGUAGE[1:0] HP_LANGUAGE[1:0] LS_LANGUAGE[1:0] |