| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92F124 bảng dữ liệu(PDF) 144 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F124 bảng dữ liệu(HTML) 144 Page - STMicroelectronics |
|
144 / 426 page ![]() 144/426 ST92F124/F150/F250 - EXTERNAL MEMORY INTERFACE (EXTMI) EXTERNAL MEMORY SIGNALS (Cont’d) Figure 76. External memory Read/Write with a programmable wait AS STRETCH DS STRETCH ADDRESS ADDRESS ADDRESS ADDRESS DATA IN DATA IN DATA OUT DATA T1 T2 T1 T2 TWA TWD NO WAIT CYCLE 1 AS WAIT CYCLE 1 DS WAIT CYCLE AS (MC=0) ALE (MC=1) DS (MC=0) P0 RW (MC=0) OEN (MC=1) WEN (MC=1) P0 RW (MC=0) OEN (MC=1) WEN (MC=1) ADDRESS ADDRESS TAVQV TAVWH TAVWL SYSTEM CLOCK (AS pin) (DS pin) (RW pin) (DS pin) (RW pin) P1, P9 9 |