công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72622L2M1 bảng dữ liệu(PDF) 131 Page - STMicroelectronics

tên linh kiện ST72622L2M1
Giải thích chi tiết về linh kiện  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72622L2M1 bảng dữ liệu(HTML) 131 Page - STMicroelectronics

Back Button ST72622L2M1 Datasheet HTML 124Page - STMicroelectronics ST72622L2M1 Datasheet HTML 125Page - STMicroelectronics ST72622L2M1 Datasheet HTML 126Page - STMicroelectronics ST72622L2M1 Datasheet HTML 127Page - STMicroelectronics ST72622L2M1 Datasheet HTML 128Page - STMicroelectronics ST72622L2M1 Datasheet HTML 129Page - STMicroelectronics ST72622L2M1 Datasheet HTML 130Page - STMicroelectronics ST72622L2M1 Datasheet HTML 131Page - STMicroelectronics ST72622L2M1 Datasheet HTML 132Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 132 page
background image
ST7262
131/132
16 SUMMARY OF CHANGES
Description of the changes between the current release of the specification and the previous one.
Revision
Main Changes
Date
2.2
Added an important note in section 3 on page 11
Added “and the device can be reprogrammed” in section 4.3.1 on page 14
Added Section 4.7 “Related Documentation” on page 16
Removed reference to EICR register (replaced by ITRFRE2 register) in section 7.2 on page
23
Added text specifying that the watchdog is a free-running counter (Section 10.1.2 and sec-
tion 10.1.3 on page 40
Changed description in Section 14 DEVICE CONFIGURATION AND ORDERING INFOR-
MATION on page 126
Changed name of section 15 on page 130
Updated description of FMP_R option bit in section 14.1 on page 126
Please read carefully the Section “IMPORTANT NOTES” on page 130
June 03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More