| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72F521AR9TC bảng dữ liệu(PDF) 166 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521AR9TC bảng dữ liệu(HTML) 166 Page - STMicroelectronics |
|
166 / 211 page ![]() ST72521 166/211 12.3.3 Auxiliary Voltage Detector (AVD) Thresholds Subject to general operating conditions for VDD, fCPU, and TA. 1. Data based on characterization results, not tested in production. 12.3.4 External Voltage Detector (EVD) Thresholds Subject to general operating conditions for VDD, fCPU, and TA. 1. Data based on characterization results, not tested in production. Symbol Parameter Conditions Min Typ Max Unit VIT+(AVD) 1 ⇒0 AVDF flag toggle threshold (VDD rise) VD level = High in option byte 4.4 1) 4.6 4.9 V VD level = Med. in option byte VD level = Low in option byte 3.95 1) 3.4 1) 4.15 3.6 4.41) 3.81) VIT-(AVD) 0 ⇒1 AVDF flag toggle threshold (VDD fall) VD level = High in option byte 4.2 4.4 4.65 1) VD level = Med. in option byte VD level = Low in option byte 3.751) 3.21) 4.0 3.4 4.2 1) 3.6 1) Vhys(AVD) AVD voltage threshold hysteresis VIT+(AVD)-VIT-(AVD) 200 mV ∆V IT- Voltage drop between AVD flag set and LVD reset activated VIT-(AVD)-VIT-(LVD) 450 mV Symbol Parameter Conditions Min Typ Max Unit VIT+(EVD) 1 ⇒0 AVDF flag toggle threshold (VDD rise) 1) 1.15 1.26 1.35 V VIT-(EVD) 0 ⇒1 AVDF flag toggle threshold (VDD fall) 1) 1.1 1.2 1.3 Vhys(EVD) EVD voltage threshold hysteresis VIT+(EVD)-VIT-(EVD) 200 mV |