| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST725216 bảng dữ liệu(PDF) 163 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST725216 bảng dữ liệu(HTML) 163 Page - STMicroelectronics |
|
163 / 211 page ![]() ST72521 163/211 12.2 ABSOLUTE MAXIMUM RATINGS Stresses above those listed as “absolute maxi- mum ratings” may cause permanent damage to the device. This is a stress rating only and func- tional operation of the device under these condi- tions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. 12.2.1 Voltage Characteristics 12.2.2 Current Characteristics Notes: 1. Directly connecting the RESET and I/O pins to VDD or VSS could damage the device if an unintentional internal reset is generated or an unexpected change of the I/O configuration occurs (for example, due to a corrupted program counter). To guarantee safe operation, this connection has to be done through a pull-up or pull-down resistor (typical: 4.7k Ω for RESET, 10k Ω for I/Os). For the same reason, unused I/O pins must not be directly tied to V DD or VSS. 2. When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise refer to IINJ(PIN) specification. A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. 3. All power (VDD) and ground (VSS) lines must always be connected to the external supply. 4. Negative injection disturbs the analog performance of the device. See note in “ADC Accuracy” on page 194. For best reliability, it is recommended to avoid negative injection of more than 1.6mA. 5. When several inputs are submitted to a current injection, the maximum ΣI INJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). These results are based on characterisation with ΣI INJ(PIN) maxi- mum current injection on four I/O port pins of the device. 6. True open drain I/O port pins do not accept positive injection. Symbol Ratings Maximum value Unit VDD - VSS Supply voltage 6.5 V VPP - VSS Programming Voltage 13 VIN 1) & 2) Input Voltage on true open drain pin VSS-0.3 to 6.5 Input voltage on any other pin VSS-0.3 to VDD+0.3 | ∆V DDx| and |∆VSSx| Variations between different digital power pins 50 mV |VSSA - VSSx| Variations between digital and analog ground pins 50 VESD(HBM) Electro-static discharge voltage (Human Body Model) see Section 12.7.3 on page 179 VESD(MM) Electro-static discharge voltage (Machine Model) Symbol Ratings Maximum value Unit IVDD Total current into VDD power lines (source) 3) 150 mA IVSS Total current out of VSS ground lines (sink) 3) 150 IIO Output current sunk by any standard I/O and control pin 25 mA Output current sunk by any high sink I/O pin 50 Output current source by any I/Os and control pin - 25 IINJ(PIN) 2) & 4) Injected current on VPP pin ± 5 Injected current on RESET pin ± 2 Injected current on OSC1 and OSC2 pins ± 5 Injected current on any other pin 5) & 6) ± 5 ΣI INJ(PIN) 2) Total injected current (sum of all I/O and control pins) 5) ± 25 |