| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72F321AR7TA bảng dữ liệu(PDF) 184 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F321AR7TA bảng dữ liệu(HTML) 184 Page - STMicroelectronics |
|
184 / 185 page ![]() ST72321 184/185 16 SUMMARY OF CHANGES Revision Main Changes Date 1.7 Added note to “Read-out Protection” on page 17 LVD not supported if ROP is enabled Added note to “MULTI-OSCILLATOR (MO)” on page 24 External clock source not support- ed if PLL is enabled Modified “ACTIVE-HALT AND HALT MODES” on page 43: wakeup from active halt by reset or MCC/RTC interrupt only Reset pin IINJMAX for changed to 2 mA in Section 12.9.1 and Section 12.2 Updated ordering information Section 18.2 on page 230 Added “IMPORTANT NOTES” on page 180 Mar 03 1.8 Added Errata sheet July 03 1.9 Added 44-pin package throughout document (merged ST72321AR/R with ST72321J da- tasheet ) Removed External RC option from Section 6.2 on page 24 and throughout document Added Caution ‘CSS function is not guaranteed’ to Section 6.4 on page 27 and Section 14.1 on page 172 Modified description of internal RC oscillator in Section 6.2. Added Caution about disconnecting OSC pins in Section 6.2 on page 24 Moved LVD startup behaviour diagram from Section 12.3.2 on page 139 to Section 15 Modified notes in table of Murata resonators in Section 12.5.3 Modified description of VAREF/VSSA pins in Section 12.12.1 on page 166 Added phrase “can be reprogrammed” in Section 4.3.1 on page 17 and Section 14.1 on page 172 Added heading “Related Documentation” on page 19 Modified description of TLI (maskable instead of non maskable) in Section 7 Updated “EMC CHARACTERISTICS” on page 152 Added FASTROM information to Section 14 on page 172 Added note under VD option bit table in Section 14.1 on page 172 Updated option list in Section 14.2 Removed Errata sheet and put information in “IMPORTANT NOTES” on page 180 Please read carefully the “IMPORTANT NOTES” on page 180 August 03 |