| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72511R6 bảng dữ liệu(PDF) 162 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72511R6 bảng dữ liệu(HTML) 162 Page - STMicroelectronics |
|
162 / 164 page ![]() ST72311R, ST72511R, ST72512R, ST72532R 162/164 15 ST7 GENERIC APPLICATION NOTE TO GET MORE INFORMATION To get the updated information on that product please refer to STMicroelectronics web server. ª http://st7.st.com/ Identification Description PROGRAMMING AND TOOLS AN912 A simple guide to development tools AN985 Executing code in ST7 RAM AN986 Using the ST7 indirect addressing mode AN987 ST7 in-circuit programming AN988 Starting with ST7 assembly tool chain AN989 Starting with ST7 Hiware C AN1039 ST7 math utility routines AN1064 Writing optimized hiware C language for ST7 EXAMPLE DRIVERS AN969 ST7 SCI communication between the ST7 and a PC AN970 ST7 SPI communication between the ST7 and E PROM AN971 ST7 I C communication between the ST7 and E PROM AN972 ST7 software SPI master communication AN973 SCI software communication with a PC using ST72251 16-bit timer AN974 Real time clock with the ST7 timer output compare AN976 Driving a buzzer using the ST7 PWM function AN979 Driving an analog keyboard with the ST7 ADC AN980 ST7 keypad decoding techniques, implementing wake-up on keystroke AN1017 Using the ST7 USB microcontroller AN1041 Using ST7 PWM signal to generate analog output (sinusoid) AN1042 ST7 routine for I C slave mode management AN1044 Multiple interrupt sources management for ST7 MCUs AN1045 ST7 software implementation of I C bus master AN1047 Managing reception errors with the ST7 SCI peripheral AN1048 ST7 software LCD driver AN1048 ST7 timer PWM duty cycle switch for true 0% or 100% duty cycle PRODUCT OPTIMIZATI ON AN982 Using ceramic resonators with the ST7 AN1014 How to minimize the ST7 power consumption AN1070 ST7 checksum selfchecking capability PRODUCT EVALUATION AN910 ST7 and st9 performance benchmarking AN990 ST7 benefits versus industry standard APPLICATIONS EXAMPLES AN1086 ST7 / ST10U435 CAN-Do solutions for car multiplexing |