| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9313 bảng dữ liệu(PDF) 101 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9313 bảng dữ liệu(HTML) 101 Page - SMSC Corporation |
|
101 / 398 page ![]() Three Port 10/100 Managed Ethernet Switch with MII Datasheet SMSC LAN9313/LAN9313i 101 Revision 1.2 (04-08-08) DATASHEET Chapter 8 Serial Management 8.1 Functional Overview This chapter details the serial management functionality provided by the LAN9313/LAN9313i, which includes the EEPROM I2C/Microwire master, EEPROM Loader, SPI slave, and I2C slave controllers. The I2C/Microwire EEPROM controller is an I2C/Microwire master module which interfaces an optional external EEPROM with the system register bus and the EEPROM Loader. Multiple types (I2C/Microwire) and sizes of external EEPROMs are supported. Configuration of the EEPROM type and size are accomplished via the eeprom_type_strap and eeprom_size_strap[1:0] configuration straps respectively. Various commands are supported for each EEPROM type, allowing for the storage and retrieval of static data. The I2C interface conforms to the Philips I2C-Bus Specification. The EEPROM Loader provides the automatic loading of configuration settings from the EEPROM into the LAN9313/LAN9313i at reset, allowing the LAN9313/LAN9313i to operate unmanaged. The EEPROM Loader module interfaces to the EEPROM Controller, Ethernet PHYs, and the system CSRs. The SPI/I2C slave controller can be used for CPU serial management and allows CPU access to all system CSRs. The SPI slave controller supports single register and multiple register read and write commands. The I2C slave controller implements the low level I2C slave serial interface (start and stop condition detection, data bit transmission/reception, and acknowledge generation/reception), handles the slave command protocol, and performs system register reads and writes. The I2C slave controller conforms to the Philips I2C-Bus Specification. 8.2 I2C/Microwire Master EEPROM Controller Based on the configuration strap eeprom_type_strap, the I2C/Microwire EEPROM controller supports either Microwire or I2C compatible EEPROMs. The I2C/Microwire serial management pins functionality and characteristics differ dependant on the selected EEPROM type as summarized in Table 8.1. Note: When the EEPROM Loader is running, it has exclusive use of the I2C/Microwire EEPROM controller. Refer to Section 8.2.4, "EEPROM Loader" for more information. Table 8.1 I2C/Microwire Master Serial Management Pins Characteristics EEPROM TYPE/MODE EE_SDA/EEDI PIN EEDO PIN EECS PIN EE_SCL/EECLK PIN I2C Master EEPROM Mode eeprom_type_strap = 1 EE_SDA Input enabled (to I2C master) Open-drain output (from I2C master) Pull-down disabled NOT USED Input enabled (used for straps) Output enabled (driven low) NOT USED Input enabled (used for straps) Output enabled (driven low) EE_SCL Input enabled (to I2C master and used for straps) Open-drain output (from I2C master) Microwire Master EEPROM Mode eeprom_type_strap = 0 EEDI Input enabled (to Microwire master) Output disabled Pull-down enabled EEDO Input enabled (used for straps) Output enabled (from Microwire master) EECS Input enabled (used for straps) Output enabled (from Microwire master) EECLK Input enabled (used for straps) Output enabled (from Microwire master) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |