công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52810-QCAA-R7 bảng dữ liệu(PDF) 371 Page - Nordic Semiconductor

tên linh kiện NRF52810-QCAA-R7
Giải thích chi tiết về linh kiện  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 bảng dữ liệu(HTML) 371 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 367Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 368Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 369Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 370Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 371Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 372Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 373Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 374Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 375Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 483 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
SNDR
Peak signal to noise and distortion ratio, differential mode,
12-bit resolution, 1/1 gain, 3 µs acquisition time, crystal
HFCLK, 200 ksps
56
dB
SFDR
Spurious free dynamic range, differential mode, 12-bit
resolution, 1/1 gain, 3 µs acquisition time, crystal HFCLK,
200 ksps
70
dBc
RLADDER
Ladder resistance
160
kΩ
6.17.13 Performance factors
Clock jitter, affecting sample timing accuracy, and circuit noise can affect ADC performance.
Jitter can be between START tasks or from START task to acquisition. START timer accuracy and startup
times of regulators and references will contribute to variability. Sources of circuit noise may include CPU
activity and the DC/DC regulator. Best ADC performance is achieved using START timing based on the
TIMER module, HFXO clock source, and Constant Latency mode.
6.18 SPIM — Serial peripheral interface master with
EasyDMA
The SPI master can communicate with multiple slaves using individual chip select signals for each of the
slave devices attached to a bus.
Listed here are the main features for the SPIM
• SPI mode 0-3
• EasyDMA direct transfer to/from RAM for both SPI Slave and SPI Master
• Individual selection of IO pin for each SPI signal
MISO
MOSI
RXD-1
TXD+1
EasyDMA
EasyDMA
RXD.PTR
TXD.PTR
buffer[0]
buffer[1]
buffer[RXD.MAXCNT-1]
RAM
buffer[0]
buffer[1]
buffer[TXD.MAXCNT-1]
Pin
PSEL.MOSI
GPIO
PSEL.MISO
PSEL.SCK
Pin
Pin
SCK
SPIM
TXD buffer
RXD buffer
Figure 97: SPIM — SPI master with EasyDMA
4430_161 v1.0
371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com