công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52810-QCAA-R7 bảng dữ liệu(PDF) 290 Page - Nordic Semiconductor

tên linh kiện NRF52810-QCAA-R7
Giải thích chi tiết về linh kiện  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 bảng dữ liệu(HTML) 290 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 286Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 287Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 288Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 289Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 290Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 291Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 292Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 293Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 294Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 483 page
background image
Peripherals
Transmit sequence on page 290 illustrates a single packet transmission where the CPU manually triggers
the different tasks needed to control the flow of the RADIO, i.e. no shortcuts are used. If shortcuts are
not used, a certain amount of delay caused by CPU execution is expected between READY and START, and
between END and DISABLE. As illustrated in Transmit sequence on page 290 the RADIO will by default
transmit '1's between READY and START, and between END and DISABLED. What is transmitted can be
programmed through the DTX field in the MODECNF0 register.
TXRU
3
1
2
TXIDLE
A
S0 L S1
PAYLOAD
CRC
P
TX
TXIDLE
TXDISABLE
(carrier)
(carrier)
Figure 63: Transmit sequence
A slightly modified version of the transmit sequence from Transmit sequence on page 290 is illustrated
in Transmit sequence using shortcuts to avoid delays on page 290 where the RADIO is configured to
use shortcuts between READY and START, and between END and DISABLE, which means that no delay is
introduced.
TXRU
2
1
A
S0 L S1
PAYLOAD
CRC
P
TX
TXDISABLE
(carrier)
Figure 64: Transmit sequence using shortcuts to avoid delays
The RADIO is able to send multiple packets one after the other without having to disable and re-enable
the RADIO between packets, this is illustrated in Transmission of multiple packets on page 291.
4430_161 v1.0
290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com