| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F39-LP bảng dữ liệu(PDF) 113 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-LP bảng dữ liệu(HTML) 113 Page - Omron Electronics LLC |
|
113 / 164 page ![]() F3SG-RA-01TS 113 Side Mounting *1. The number of brackets required to mount either one of emitter and receiver. *2. Mounting an emitter or receiver with one bracket is possible for the models of protective height of 0185 or 0265. In this case, locate this bracket at half the Dimension A (or at the center of the sensor length). 35 48.6 35 9.2 42.35 Standard Adjustable Bracket (F39-LGA) Standard Adjustable Bracket (F39-LGA) 2-M5 or M6 2-M5 or M6 < Screw: M5 or M6 > F3SG-4RA-25-01TS Series Dimension A C+23 Dimension C 4-digit number of the type name (Protective height) Dimension D C-45 Dimension P 20 Protective height (C) Number of Standard Adjustable Brackets *1 Dimension F 0185 to 1225 2 *2 1000 mm max. 1305 to 1945 3 1000 mm max. |