| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RZ/G2H bảng dữ liệu(PDF) 151 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2H bảng dữ liệu(HTML) 151 Page - Renesas Technology Corp |
|
151 / 169 page ![]() RZ/G Series, 2nd Generation Datasheet Section 3. Electrical Characteristics R01DS0483EJ0101 Rev.1.01 Page 151 of 169 Jun 30, 2025 Figure 3.32.14 MDQ/MDM Output Timing relative to MDQ (write) Figure 3.32.15 MDQS Input Timing relative to MCK Output (read) tWDS MpDQS[3:0] (solid dark line) MpDQS[3:0]# (dotted line) tWDS tWDH tWDH tWDIPW tWDIPW MpDM[3:0] MpDQ[31:0] Note: "p" runs the following values: from 0 to 1 for RZ/G2H, RZ/G2M V1.3 and RZ/G2M V3.0 0 for RZ/G2N MpDQS[3:0] (solid dark line) MpDQS[3:0]# (dotted line) tRDQSCK (min.) MpDQS[3:0] (solid dark line) MpDQS[3:0]# (dotted line) tRDQSCK (max.) tRDQSCK (min.) Read-1 CAS-2 RL** tRDQSCK (max.) Note: "p" runs the following values: from 0 to 1 for RZ/G2N, RZ/GM V1.3 and RZ/G2M V3.0 0 for RZ/G2N * MpCA[15:10] are available for only RZ/G2M V1.3 and RZ/G2N depending on configuration. ** RL depends on the setting of DBSC4 register. MpCKA#, MpCKB# MpCKA, MpCKB MpCA[15:10] *, MpCA[5:0], MpCS[1:0]A#, MpCS[1:0]B# |