công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2AFECAB bảng dữ liệu(PDF) 217 Page - Renesas Technology Corp

tên linh kiện R7KA8M2AFECAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAB bảng dữ liệu(HTML) 217 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAB Datasheet HTML 213Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 214Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 215Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 216Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 217Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 218Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 219Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 220Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 295 page
background image
Note 1. This implies that PC board design will require clocks to be routed such that an additional trace delay of greater than 1.5ns and less
than 2.0ns will be added to the associated clock signal.
Note 2. For 10Mbps and 100Mbps, Tcyc will scale to 400ns+-40ns and 40ns+-4ns respectively.
Note 3. Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domain as long as
minimum duty cycle is not violated and stretching occurs for no more than three Tcyc of the lowest speed transitioned between.
TskewT
RGMIIn_TXC
RGMIIn_TXD[3:0]
RGMIIn_TX_CTL
TskewT
TskewR
RGMIIn_RXC
RGMIIn_RXD[3:0]
RGMIIn_RX_CTL
TskewR
Figure 2.117
RGMII timing
RGMIIn_TXC
RGMIIn_TXD[3:0]
RGMIIn_TX_CTL
RGMIIn_RXC
RGMIIn_RXD[3:0]
RGMIIn_RX_CTL
TsetupT TholdT TsetupT TholdT
TsetupR TholdR TsetupR TholdR
Figure 2.118
RGMII timing (RGMII-ID)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 217 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com