công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2AFECAB bảng dữ liệu(PDF) 149 Page - Renesas Technology Corp

tên linh kiện R7KA8M2AFECAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAB bảng dữ liệu(HTML) 149 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAB Datasheet HTML 145Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 146Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 147Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 148Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 149Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 150Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 151Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 152Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 295 page
background image
Table 2.57
I/O ports, POEG, GPT, AGT, ULPT and ADC trigger timing (4 of 4)
GPT32 Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
If GPT pins are specified across the VCC I/O and VCC2 I/O, characteristics below is guaranteed only when VCC = VCC2.
AGT Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
AGT
AGTIO, AGTEE input cycle
2.70 V or
above
tACYC*2
100
—
ns
Figure 2.65
1.62 V or
above
100
—
AGTIO, AGTEE input high width, low
width
2.70 V or
above
tACKWH,
tACKWL
40
—
ns
1.62 V or
above
40
—
AGTIO, AGTO, AGTOA, AGTOB output
cycle
2.70 V or
above
tACYC2
62.5
—
ns
1.62 V or
above
62.5
—
ULPT
ULPTEE, ULPTEVI input cycle
2.70 V or
above
tULCYC*3
32
—
µs
Figure 2.66
1.62 V or
above
32
—
ULPTEE, ULPTVI input high width, low
width
2.70 V or
above
tULCKWH,
tULCKWL
12
—
µs
1.62 V or
above
12
—
ULPTO, ULPTOA, ULPTOB output cycle 2.70 V or
above
tULCYC2
64
—
µs
1.62 V or
above
64
—
ADC
ADC trigger input pulse width
2.70 V or
above
tTRGW
1.5
—
tADcyc
Figure 2.67
1.62 V or
above
3.0
—
Note:
tIcyc: ICLK cycle, tPcyc: PCLKB cycle, tPDcyc: GTCLK cycle, tULPTLCLK: ULPTLCLK cycle, tADcyc: ADCLK cycle.
Note 1. For Cycle and Time, the longer time characteristics are applied.
Note 2. Constraints on input cycle:
When not switching the source clock: tPcyc × 2 < tACYC should be satisfied.
When switching the source clock: tPcyc × 6 < tACYC should be satisfied.
Note 3. Constraints on input cycle:
ULPTEVI: tPcyc × 2 < tULCYC should be satisfied.
ULPTEE: tULPTLCLK × 2 < tULCYC should be satisfied.
Port
tPRW
Figure 2.52
I/O ports input timing
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 149 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com